PART |
Description |
Maker |
PE90GB80 PK90GB80 |
Designed for various rectifier circuits and power controls 专为各种整流电路和电源控
|
Sanrex, Corp.
|
TC1278 TC1279 TC1278-10ENBTR TC1278-15ENBTR TC1278 |
The TC1278 and TC1279 are cost-effective system supervisor circuits designed to monitor VCC in digital systems and provide a reset signal to the host processor when necessary. No external components are required. The reset output is driven The TC1278 and TC1279 are cost-effective system supervisor circuits designed to monitor VCC in digital systems and provide a reset ...
|
Microchip
|
JRGC0158 |
miniature chip type designed for surface mounting
|
IDEA.lnc.
|
JRGC0678 |
miniature chip type designed for surface mounting
|
IDEA.lnc.
|
JGC0175 |
miniature lens type designed for surface mounting
|
IDEA.lnc.
|
JYC0178 |
miniature lens type designed for surface mounting
|
IDEA.lnc.
|
JYOC0198 |
miniature chip type designed for surface mounting
|
IDEA.lnc.
|
ISUGC0118 |
miniature chip type designed for surface mounting
|
IDEA.lnc.
|
JYOBC0118 |
miniature chip type designed for surface mounting and measure approximately 2.5 x 3 mm
|
IDEA.lnc.
|
TC1275 TC1275-20ENBTR TC1275-10ENBTR TC1275-5ENBTR |
(TC1275 / TC1276 / TC1277) 3-Pin Reset Monitors for 3.3V Systems The TC1275, TC1276 and TC1277 are cost-effective system supervisor circuits designed to monitor VCC in digital systems and provide ... The TC1275, TC1276 and TC1277 are cost-effective system supervisor circuits designed to monitor VCC in digital systems and provide a reset signal to the host processor when necessary. No external components are required. The reset output i
|
Microchip Technology Inc.
|
P0502NL P0527NL P0429NL P0422NL P0420NL P0421NL P0 |
Designed for DC/DC converters, Wide variety of inductor sizes and current ratings available Solutions based on impedance, size and current, Designed for DC/DC converters, Dielectric strength: 1000VRMS
|
Pulse A Technitrol Company
|
TC1029EUA TC1029 TC1029EOA TC1029EPA |
The TC1029 is a dual, CMOS operational amplifier designed for low-power applications. It is designed specifically for operation from ... The TC1029 is a dual, CMOS operational amplifier designed for low-power applications. It is designed specifically for operation from a single supply, however, operation from dual supplies is also possible, and the power supply current drai Linear Building Block - Dual Low Power Op Amp
|
MICROCHIP[Microchip Technology]
|